PART |
Description |
Maker |
MAX5910 MAX5910ESA MAX5917BESE MAX5917 MAX5917AESE |
65V Simple Swapper Hot-Swap Switches 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16 65V Hot Swap Switch
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
PCA9513 PCA9513D PCA9513DP PCA9514D PCA9514DP PCA9 |
PCA9513; PCA9514; Hot swappable I²C and SMBus bus buffer Hot swappable I2C and SMBus bus buffer Hot swappable IC and SMBus bus buffer
|
PHILIPS ICST[Integrated Circuit Systems]
|
X24042 X24042P X24042P-2.7 X24042P-3 X24042PI X240 |
4K (512 x 8bit) serial E2PROM Hot Swap Controller IC; Hot Swap Controller Type:Negative Voltage; Controlled Voltage Min:-10V; Controlled Voltage Max:-80V; Number of Controlled Voltages:1; Package/Case:8-SOIC; Power Good Output:Active High
|
XICOR[Xicor Inc.]
|
MAX5900 MAX5901 MAX5901LBEUT-T MAX5900LBEUT-T |
-100V SOT23 Simple Swapper Hot-Swap Controllers 100 V, SOT23 simple swapper hot-swap controller
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LTC4300-2CMS8 LTC4300-2IMS8 LTC4300-1CMS8 LTC4300- |
Hot Swappable 2-Wire Bus Buffers; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Hot Swappable 2-Wire Bus Buffers 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8
|
Linear Technology, Corp. Linear Technology Corporation
|
X24165 X24165P X24165P-2.7 X24165PI X24165PI-2.7 X |
Hot Swap Controller IC; Hot Swap Controller Type:Negative Voltage; Controlled Voltage Min:-10V; Controlled Voltage Max:-80V; Number of Controlled Voltages:1; Package/Case:8-SOIC; Power Good Output:Active Low Hot Swap Controller IC; Hot Swap Controller Type:Negative Voltage; Controlled Voltage Min:-10V; Controlled Voltage Max:-80V; Number of Controlled Voltages:1; Package/Case:8-SOIC; Power Good Output:Active High IC LDO REG 3A 5.5V W/ENBL 8-SOIC Advanced 2-Wire Serial E2PROM with Block Lock Protection
|
XICOR[Xicor Inc.]
|
ISL6142 ISL6142CB ISL6152 ISL6152CB ISL6152IB |
Hot Plug Controller, Negative Voltage, -20V to -80V, Prog Inrush Current, IntelliTripCurrent Regulation, UV/OV Protection, Prog Time Out, Load current monitor, Active high PWRGD Hot Plug Controller, Negative Voltage, -20V to -80V, Prog Inrush Current, IntelliTrip Current Regulation, UV/OV Protection, Prog Time Out, Load current monitor, Active low PWRGD-bar Negative Voltage Hot Plug Controller
|
INTERSIL[Intersil Corporation]
|
PI3C34X245 PI3C34X245B |
2.5V/3.3V, High Bandwidth, Hot Insertion 32-Bit, 2-Port, Bus Switch From old datasheet system 2.5V/3.3V High Bandwidth Hot Insertion 32-Bit 2-Port Bus Switch
|
PERICOM[Pericom Semiconductor Corporation]
|
LTC4218CDHC-12-PBF LTC4218CDHC-12-TRPBF LTC4218CGN |
Hot Swap Controller
|
Linear Technology
|
RPA-5100-10 RPA-C412-120 |
Hot Tap Retractable
|
Magnetrol International, Inc. Magnetrol International...
|
ADM1070ART ADM1070 |
-48 V Hot Swap Controller
|
AD[Analog Devices]
|
LTC1422CS8 LTC1422I LTC1422 LTC1422C LTC1422CN8 LT |
Hot Swap Controller
|
LINER[Linear Technology]
|